Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GC5316 Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Fiches technique(HTML) 36 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 32Page - Texas Instruments GC5316 Datasheet HTML 33Page - Texas Instruments GC5316 Datasheet HTML 34Page - Texas Instruments GC5316 Datasheet HTML 35Page - Texas Instruments GC5316 Datasheet HTML 36Page - Texas Instruments GC5316 Datasheet HTML 37Page - Texas Instruments GC5316 Datasheet HTML 38Page - Texas Instruments GC5316 Datasheet HTML 39Page - Texas Instruments GC5316 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
36
Table 10. Programming
VARIABLE
DESCRIPTION
tadj_offset_coarse_a(5:0)
Read offset into the 64 element memory for the A channel DUC. When tadj_offset_coarse_a = 62, then
the delay is –2. When tadj_offset_coarse_a = 63, then the delay is –1. For all other values, the resulting
delay is equal to the value.
tadj_offset_coarse_b(5:0)
Read offset into the 64 element memory for the B channel DUC when in CDMA mode. Note: When
tadj_offset_coarse_b = 62, then the delay is –2. When tadj_offset_coarse_b = 63, then the delay is –1.
For all other values, the resulting delay is equal to the value.
tadj_offset_fine_a(2:0)
Controls the zero offset (fine adjust) for the A side of the DUC.
See note below for mapping.
tadj_offset_fine_b(2:0)
Controls the zero offset (fine adjust) for the B side of the DUC when in CDMA mode.
See the note below for mapping.
tadj_interp_decim(2:0)
The decimation value (1, 2, 4, or 8) for the DUC. Same for A and B channels when in CDMA mode.
ssel_tadj_fine(2:0)
Selects the sync source for the fine time adjust
ssel_tadj_coarse(2:0)
Selects the sync source for the coarse time delay adjust
NOTE: The fine adjust is mapped differently.
For a decimation value of 1 the only legal setting is 0 and there is no fine adjustment since there is no decimation
moment.
tadj_offset_fine = 0
⇒ fine delay by 0
For a decimation value of 2:
tadj_offset_fine = 0
⇒ fine delay by 0
tadj_offset_fine = 1
⇒ fine delay by 1
For a decimation value of 4:
tadj_offset_fine = 0
⇒ fine delay by 0
tadj_offset_fine = 1
⇒ fine delay by −1
tadj_offset_fine = 2
⇒ fine delay by −2
tadj_offset_fine = 3
⇒ fine delay by 1
For a decimation value of 8:
tadj_offset_fine = 0
⇒ fine delay by 0
tadj_offset_fine = 1
⇒ fine delay by −1
tadj_offset_fine = 2
⇒ fine delay by −2
tadj_offset_fine = 3
⇒ fine delay by −3
tadj_offset_fine = 4
⇒ fine delay by −4
tadj_offset_fine = 5
⇒ fine delay by −5
tadj_offset_fine = 6
⇒ fine delay by −6
tadj_offset_fine = 7
⇒ fine delay by 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75