| Moteur de recherche de fiches techniques de composants électroniques |
|
10PA-546-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10PA-546-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: 10PA http://www.m-system.co.jp/ 10PA SPECIFICATIONS ES-0838 Rev.6 Page 3/3 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Output Driver OUTPUT 1 7 8 Average Operation *1 output type has the output 1 connected to the card-edge connector in parallel. Remark 1) The section enclosed by broken line is only for 2nd output channel. + – Isolation Output Driver OUTPUT 2 5 6 Voltage/ Duty Cycle OUTPUT 2* POWER Low Drift Amplifier Divider 3 1 2 V U v u FUSE VT LOAD SOURCE 1 2 S Z S Z Specifications are subject to change without notice. |