| Moteur de recherche de fiches techniques de composants électroniques |
|
10VS-4A0-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10VS-4A0-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: 10VS http://www.m-system.co.jp/ 10VS SPECIFICATIONS ES-0818 Rev.7 Page 3/3 EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 130 (5.12) 3 (.12) 51 (2.01) 2–4.3 (.17) dia. MTG HOLE TERMINAL COVER 7–M3.5 SCREW 8 (.31) 25 (.98) 1 2 3 5 6 7 8 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – + – Isolation INPUT 1 Low Drift Amplifier Output Driver OUTPUT 1 2 3 7 8 Voltage/ Duty Cycle + – S Z Output Driver OUTPUT 2 5 6 S Z * Input shunt resistor incorporated for current input **1 output type has the output 1 connected to the card-edge connector in parallel. Remark 1) The section enclosed by broken line is only for 2nd output channel. OUTPUT 2** POWER * Specifications are subject to change without notice. |