Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB140 Fiches technique(PDF) 2 Page - Lite-On Technology Corporation

No de pièce MB140
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MB140 Fiches technique(HTML) 2 Page - Lite-On Technology Corporation

  MB140 Datasheet HTML 1Page - Lite-On Technology Corporation MB140 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
MB140
0.1
1
10
100
VR , REVERSE VOLTAGE(V)
10
100
1000
Fig.4 - Typical Junction Capacitance
Tj =25℃
f=1MHz
1.0Vrms
25
50
75
100
125
150
TL , LEAD TEMPERATURE (℃)
0
0.2
0.4
0.6
0.8
1
1.2
Fig.1 - Forward Current Derating Curve
RESISTIVE OR
INDUCTIVE LOAD
0
5
10
15
20
25
30
35
40
45
VR , RATED PEAK REVERSE VOLTAGE (V)
0.0001
0.001
0.01
0.1
1
10
Fig.2 - Typical Reverse Characteristics
TJ =25℃
TJ =100℃
TJ =125℃
inches
mm
FOOTPRINTS FOR SOLDERING
0.105
2.67
0.100
2.54
0.050
1.27
0.025
0.635
0.030
0.762
0
0.2
0.4
0.6
0.8
1
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
0.1
1
10
Fig.5 - Typical Forward Characteristics
PULSE WIDTH : 300us
1% Duty Cycle
TJ =25℃
TJ =100℃
TJ =125℃
1
10
100
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
Fig.3 - Maxmun Non-Repetitive Peak
Forward Surge Current
Single Half-Wave
(JEDEC Method)
REV. 0, 26-Dec-2001, KSHP01



Html Pages

1 2