| Moteur de recherche de fiches techniques de composants électroniques |
|
STA306 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA306 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 33 page ![]() 21/33 STA306 Each channel received via I2S can be mapped to any internal processing channel via the Channel Input Map- ping registers. This allows for flexibility in processing, simplifies output stage designs, and enables the ability to perform crossovers. The default settings of these registers map each I2S input channel to its corresponding processing channel. For example, to map input 2 to Channel 5, set Address 11h, bits D6, D5 and D4 to 100. Now, inputs 2 and 5 go to Channel 5. Table 6. Channel Mapping as a function of CxIM bits STA306 Output Phasing CxIM(2..0) I2S Input Mapped to: 000 Channel 1 001 Channel 2 010 Channel 3 011 Channel 4 100 Channel 5 101 Channel 6 CH1 CH2 CH3 CH4 CH5 CH6 1/384kHz or 2.874us CH1 CH2 CH3 CH4 CH5 CH6 1/384kHz or 2.874us 6:1 Mux Channel 1 Channel 2 Channel 3 Channel 4 Channel 5 Channel 6 Channel X CxIM(2..0) 3 6:1 Mux Channel 1 Channel 2 Channel 3 Channel 4 Channel 5 Channel 6 Channel X CxIM(2..0) 3 |