Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA137 Fiches technique(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No de pièce INA137
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

INA137 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button INA137 Datasheet HTML 13Page - Texas Instruments INA137 Datasheet HTML 14Page - Texas Instruments INA137 Datasheet HTML 15Page - Texas Instruments INA137 Datasheet HTML 16Page - Texas Instruments INA137 Datasheet HTML 17Page - Texas Instruments INA137 Datasheet HTML 18Page - Texas Instruments INA137 Datasheet HTML 19Page - Texas Instruments INA137 Datasheet HTML 20Page - Texas Instruments INA137 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Time (1 Ps/div)
Falling
Rising
G = 1/2
Figure 6-43. Settling Time
Time (1 Ps/div)
Falling
Rising
G = 2
Figure 6-44. Settling Time
Time (1 Ps/div)
VIN
VIN
VOUT
G = 1/2
Figure 6-45. Large Signal Step Response
Time (1 Ps/div)
VIN
VIN
VOUT
G = 2
Figure 6-46. Large Signal Step Response
Temperature (qC)
-60
-35
-10
15
40
65
90
115
140
12
18
24
30
Rising
Falling
Figure 6-47. Slew Rate over Temperature
Time (200 ns/div)
Negative
Positive
Figure 6-48. Overload Recovery (Normalized to 0 V)
www.ti.com
INA592
SBOS914E – OCTOBER 2018 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com