Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTK4822 Fiches technique(PDF) 4 Page - First Silicon Co., Ltd

No de pièce FTK4822
Description  Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FS [First Silicon Co., Ltd]
Site Internet  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4822 Fiches technique(HTML) 4 Page - First Silicon Co., Ltd

  FTK4822 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4822 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4822 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4822 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2011. 11. 21
4/4
Revision No : 0
FTK4822
SOP-8 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
NOTES:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.



Html Pages

1 2 3 4