| Moteur de recherche de fiches techniques de composants électroniques |
|
577497 Fiches technique(PDF) 2 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
577497 Fiches technique(HTML) 2 Page - Festo Corporation. |
|
2 / 2 page ![]() Feature Value Product weight 181 g Type of mounting Optionally: On terminal strip With through-hole Venting hole connection Not ducted Pilot exhaust air port 82 M5 Pilot exhaust air port 84 M5 Pilot air port 12 M5 Pilot air port 14 M5 Pneumatic connection 1 G1/8 Pneumatic connection 2 G1/8 Pneumatic connection 3 G1/8 Pneumatic connection 4 G1/8 Pneumatic connection 5 G1/8 Note on materials RoHS-compliant Seals material HNBR NBR TPE-U(PU) Housing material Die-cast aluminum Painted 3/15/21 - Subject to change - Festo AG & Co. KG 2/2 |