| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9DB306BLLF Fiches technique(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB306BLLF Fiches technique(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 16 page ![]() 9DB306BL www.icst.com/products/hiperclocks.html REV. A APRIL 7, 2005 8 Integrated Circuit Systems, Inc. ICS9DB306 PCI EXPRESS, JITTER ATTENUATOR V CC - 2V 50 Ω 50 Ω RTT Z o = 50Ω Z o = 50Ω FOUT FIN RTT = Z o 1 ((V OH + VOL) / (VCC – 2)) – 2 3.3V 125 Ω 125 Ω 84 Ω 84 Ω Z o = 50Ω Z o = 50Ω FOUT FIN The clock layout topology shown below is a typical termina- tion for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that gen- erate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50 Ω transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figures 3A and 3B show two different layouts which are recommended only as guidelines. Other suitable clock lay- outs may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations. TERMINATION FOR LVPECL OUTPUTS FIGURE 3B. LVPECL OUTPUT TERMINATION FIGURE 3A. LVPECL OUTPUT TERMINATION |