| Moteur de recherche de fiches techniques de composants électroniques |
|
LTM4656 Fiches technique(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTM4656 Fiches technique(HTML) 26 Page - Analog Devices |
|
26 / 28 page ![]() LTM4656/LTM4656-1 26 Rev. 0 For more information www.analog.com PIN CONFIGURATION TABLE LTM4656Y Component BGA Pinout PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION A1 BVIN B1 BVIN C1 BVIN D1 BVIN E1 GND F1 SHDN A2 BVIN B2 BVIN C2 BVIN D2 BVIN E2 GND F2 GND A3 BVIN B3 BVIN C3 BVIN D3 BVIN E3 NC F3 GND A4 BVIN B4 BVIN C4 BVIN D4 GND E4 GND F4 GND A5 GND B5 GND C5 GND D5 GND E5 GND F5 GND A6 GND B6 GND C6 GND D6 GND E6 GND F6 COMP A7 SENSE1 B7 SENSE1 C7 SENSE1 D7 GND E7 GND F7 SS A8 SENSE1 B8 SENSE1 C8 SENSE1 D8 GND E8 VFB F8 PGOOD A9 VIN B9 VIN C9 VIN D9 GND E9 GND F9 VBIAS A10 VIN B10 VIN C10 VIN D10 VIN E10 GND F10 GND A11 VIN B11 VIN C11 VIN D11 VIN E11 GND F11 GND A12 VIN B12 VIN C12 VIN D12 VIN E12 GND F12 GND PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION G1 GND H1 GND J1 VOUT K1 VOUT L1 VOUT M1 VOUT G2 GND H2 UV J2 VOUT K2 VOUT L2 VOUT M2 VOUT G3 GND H3 FLT J3 VOUT K3 VOUT L3 VOUT M3 VOUT G4 TMR H4 TEMP+ J4 VOUT K4 VOUT L4 VOUT M4 VOUT G5 GND H5 TEMP– J5 VOUT K5 VOUT L5 VOUT M5 VOUT G6 MODE_PLLIN H6 FREQ J6 VOUT K6 VOUT L6 VOUT M6 VOUT G7 GND H7 RUN J7 GND K7 GND L7 GND M7 GND G8 GND H8 GND J8 GND K8 GND L8 GND M8 GND G9 INTVCC H9 GND J9 GND K9 GND L9 GND M9 GND G10 GND H10 GND J10 GND K10 GND L10 GND M10 GND G11 GND H11 GND J11 GND K11 GND L11 GND M11 GND G12 GND H12 GND J12 SW K12 SW L12 GND M12 GND PACKAGE ROW AND COLUMN LABELING MAY VARY AMONG µModule PRODUCTS. REVIEW EACH PACKAGE LAYOUT CAREFULLY. |