| Moteur de recherche de fiches techniques de composants électroniques |
|
FMB01 Fiches technique(PDF) 3 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
FMB01 Fiches technique(HTML) 3 Page - Carlo Gavazzi Holding AG |
|
3 / 4 page ![]() Specifications are subject to change without notice (21.03.08) 3 FMB01 Function Id - Double interval Reset and Gate inputs working mode If Reset contact is closed the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed the timing operation is freezed. When it is released, if timing was in progress, it goes on from the point reached at the moment of closing the Gate. Function Rb - Symmetrical Recycler OFF first Reset and Gate inputs working mode If Reset contact is closed the function is interrupted, the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed while recycling, the timing opera- tion is freezed and the output is kept at the state it was when Gate has been closed. When it is released, timing goes on from the point reached at the moment of closing the Gate. Operating Diagrams T Powersupply LED“POWER” Triggerinput T T T T RelaysON T Powersupply LED“POWER” Triggerinput T T T RelaysON T Powersupply LED“POWER” Triggerinput T T T T RelaysON Range and operation mode selection Function Op - Delay ON Operate Reset and Gate inputs working mode If Reset contact is closed the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed the timing operation is freezed. When it is released, if timing was in progress, it goes on from the point reached at the moment of closing the Gate. Powersupply T LED“POWER” Triggerinput RelaysON T Operating mode display window Operating mode selector (function Op, Rb, R, Id, Dr, In, Io) Scale range display windows Time unit selector (0.1s, sec, 10sec, min, etc.) Time setting knob (set time) Power indicator (green) Time range selector 12 and 30 at full scale Output indicator (yellow) (Flashes when timer operates; on when timer stops operating) Time unit display window Function R - Symmetrical Recycler ON first Reset and Gate inputs working mode If Reset contact is closed the function interrupted, the relay is released and timing is reset. Nothing else happens until Reset is released. If Gate contact is closed while recycling, the timing opera- tion is freezed and the output is kept at the state it was when Gate has been closed. When it is released, timing goes on from the point reached at the moment of closing the Gate. |