| Moteur de recherche de fiches techniques de composants électroniques |
|
HSMA-A101-R8WJ1 Fiches technique(PDF) 9 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HSMA-A101-R8WJ1 Fiches technique(HTML) 9 Page - Broadcom Corporation. |
|
9 / 17 page ![]() Broadcom AV02-0198EN 9 HSMx-A10x-xxxxx Data Sheet PLCC-2, Surface Mount LED Indicator Figure 8: Radiation Pattern NOTE: For detailed information on reflow soldering of Broadcom surface mount LEDs, refer to Broadcom Application Note AN 1060, Surface Mounting SMT LED Indicator Components. Reflow soldering must not be done more than twice. Observe necessary precautions of handling moisture sensitive device as stated in the following section. Figure 9: Recommended Soldering Pad Pattern 1.0 0 ANGULAR DISPLACEMENT – DEGREES 0.8 0.6 0.2 0.4 -70 -50 -30 0 20 30 50 70 90 0 2 - 0 9 - -80 -60 -40 -10 10 40 60 80 2.60 4.50 1.50 SOLDER RESIST |