Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMJ-A100-R40J1 Fiches technique(PDF) 13 Page - Broadcom Corporation.

No de pièce HSMJ-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMJ-A100-R40J1 Fiches technique(HTML) 13 Page - Broadcom Corporation.

Back Button HSMJ-A100-R40J1 Datasheet HTML 9Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 10Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 11Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 12Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 13Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 14Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 15Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 16Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 17Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Broadcom
AV02-0198EN
13
Color Bin Select (X7)
Individual reel will contain parts from one full bin only.
Color Bin Limits
X7
0
Full distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
T
F and G only
S
G and H only
Q
A, B, and C only
P
B, C, and D only
N
C, D, and E only
M
D, E, and F only
L
E, F, and G only
K
F, G, and H only
1
A, B, C, and D only
2
E, F, G, and H only
3
B, C, D, and E only
4
C, D, E, and F only
5
A, B, C, D, and E only
6
B, C, D, E, and F only
Color
Min. (nm)
Max. (nm)
Blue
A
460.0
465.0
B
465.0
470.0
C
470.0
475.0
D
475.0
480.0
Green
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Emerald Green
A
552.5
555.5
B
555.5
558.5
C
558.5
561.5
D
561.5
564.5
Yellow Green
E
564.5
567.5
F
567.5
570.5
G
570.5
573.5
H
573.5
576.5
Amber
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Orange
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
Red Orange
A
611.0
616.0
B
616.0
620.0
Red
Full distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17