Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4677 Fiches technique(PDF) 84 Page - Analog Devices

No de pièce LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Fiches technique(HTML) 84 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 80Page - Analog Devices LTM4677 Datasheet HTML 81Page - Analog Devices LTM4677 Datasheet HTML 82Page - Analog Devices LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
LTC3888-1
84
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS (Output Voltage and Limits)
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command sets the value, in volts, of the VSENSE± differnetial voltage measured by the
ADC that causes an output undervoltage warning. If the VOUT_UV_WARN_LIMIT is exceeded, the device:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Undervoltage Warning Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has two data bytes in Linear_16u format.
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command sets the value of VFB (or VOUT if VOUT_SCALE_LOOP has been defined), in
volts, that causes an output undervoltage fault. If VOUT_UV_FAULT_LIMIT is modified while the channel is on, 2ms
should be allowed for the new value to take effect. Modifying VOUT during that time can result in an erroneous UV fault.
The LTC3888-1 sets MFR_COMMON bits[6:5] low while a new VOUT_UV_FAULT_LIMIT is established. Execution of
this command is delayed if VOUT_SCALE_LOOP is being processed.
This command has two data bytes in Linear_16u format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More