Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SGP40-D-R4 Fiches technique(PDF) 8 Page - Sensirion AG Switzerland

No de pièce SGP40-D-R4
Description  Indoor Air Quality Sensor for VOC Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSIRION [Sensirion AG Switzerland]
Site Internet  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SGP40-D-R4 Fiches technique(HTML) 8 Page - Sensirion AG Switzerland

Back Button SGP40-D-R4 Datasheet HTML 4Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 5Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 6Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 7Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 8Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 9Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 10Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 11Page - Sensirion AG Switzerland SGP40-D-R4 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.sensirion.com
Version 1.0 – July 2020 – D1
8/19
Figure 5 Typical application circuit.
2.6 Environmental Stability
The SGP40 has been qualified based on the JEDEC JESD47 qualification test method. The Moisture Sensitivity Level
classification of the SGP40 is MSL1, according to IPC/JEDEC J-STD-020. At the same time, it is recommended to further
process the sensors within 1 year after date of delivery. The SGP40 should not be exposed to bright illumination by either
sunlight or artificial light sources during operation.
2.7 Material Contents
The device is fully RoHS, REACH, Halogen-free, and WEEE compliant, e.g., free of Pb, Cd, and Hg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19