Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRV9010 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce ADRV9010
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRV9010 Fiches technique(HTML) 21 Page - Analog Devices

Back Button ADRV9010 Datasheet HTML 17Page - Analog Devices ADRV9010 Datasheet HTML 18Page - Analog Devices ADRV9010 Datasheet HTML 19Page - Analog Devices ADRV9010 Datasheet HTML 20Page - Analog Devices ADRV9010 Datasheet HTML 21Page - Analog Devices ADRV9010 Datasheet HTML 22Page - Analog Devices ADRV9010 Datasheet HTML 23Page - Analog Devices ADRV9010 Datasheet HTML 24Page - Analog Devices ADRV9010 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
Data Sheet
ADRV9010
Rev. E | Page 21 of 115
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VSSA
SERD
OUTH+
SERD
OUTD+
VSSA
TX4+
TX4–
VSSA
GPIO_
ANA_5
VSSA
RX4+
RX4–
VSSA
AUXADC
_2
AUXADC
_3
VSSA
RX3+
RX3–
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
VSSA
VSSA
TX3+
TX3–
VSSA
VTXLO_
IP3
VSSA
VRXLO_
IP3
VSSA
VSSA
VSSA
TX2+
TX2–
VSSA
VSSA
VSSA
VSSA
VSSA
VANA3_
1P8
VSSA
VSSA
VSSA
VSSA
VSSA
VSSA
VAUXVCO
_1P0
VSSA
VSSA
VSSA
VSSA
RX2+
VSSA
GPIO_
ANA_7
GPIO_
ANA_6
VAUXSYN
_1P3
VSSA
DEVCLK+ DEVCLK–
VSSA
VAUXVCO
_1P3
GPIO_
ANA_1
GPIO_
ANA_0
VSSA
RBIAS
VSSA
RX2–
VSSA
VANA2_
1P3
VSSA
VSSA
VSSA
VSSA
SYSREF+ SYSREF–
VSSA
VSSA
VSSA
VSSA
VSSA
VANA1_
1P3
VSSA
VSSA
EXT_
LO2–
VSSA
ORX3+
ORX3–
VSSA
TX3_EN
GPIO_11
GPIO_9
GPIO_3
TX2_EN
VSSA
ORX1+
ORX1–
VSSA
EXT_
LO1+
AUXADC
_1
EXT_
LO2+
VSSA
VSSA
VSSA
VSSA
ORX_
CTRL_C GPIO_12 GPIO_10
GPIO_4
ORX_
CTRL_B
VSSA
VSSA
VSSA
VSSA
EXT_
LO1–
AUXADC
_0
VSSA
VRFVCO2
_1P3
VSSA
VRFVCO2
_1P0
VSSA
RX3_EN
GPIO_13 VDIG_1P0 GPIO_5
RX2_EN
VSSA
VRFVCO1
_1P0
VSSA
VRFVCO1
_1P3
VSSA
VSSA
VSSA
VCONV2
_1P8
VSSA
VSSA
VSSA
GPIO_17 GPIO_14
VSSD
GPIO_6
GPIO_0
VSSA
VSSA
VSSA
VCONV1
_1P8
VSSA
RX1+
VSSA
VCONV2
_1P3
VSSA
VRFSYN2
_1P3
VSSA
RX4_EN
GPIO_15 VDIG_1P0 GPIO_7
RX1_EN
VSSA
VRFSYN1
_1P3
VSSA
VCONV1
_1P3
VSSA
RX1–
VSSA
VCONV2
_1P0
VSSA
VSSA
VSSA
GPIO_18 GPIO_16
VSSD
GPIO_8
GPIO_1
VSSA
VSSA
VSSA
VCONV1
_1P0
VSSA
VSSA
GPIO_
ANA_4
VSSA
ORX4+
ORX4–
VSSA
ORX_
CTRL_D
SPI_DIO VDIG_1P0 SPI_EN
ORX_
CTRL_A
VSSA
ORX2+
ORX2–
VSSA
GPIO_
ANA_2
GPIO_
ANA_3
VSSA
VSSA
VSSA
VSSA
VSSA
TX4_EN
SPI_DO
VSSD
SPI_CLK
TX1_EN
VSSA
VSSA
VSSA
VSSA
VSSA
VSSA
VANA4
_1P8
VSSA
VSSA
VCLKVCO
_1P3
SYNCIN3+ GPINT2
GPINT1
GPIO_2 SYNCIN1+ SYNCIN1–
SYNC
OUT2+
SYNC
OUT2–
VANA1
_1P8
TX1+
VSSA
VSSA
VSSA
VCLKVCO
_1P0
SYNCIN3– SYNCIN2+ SYNCIN2–
VSSA
TEST_EN
VJVCO
_1P8
SYNC
OUT1+
VSSA
TX1–
VSSA
VSSA
VSSA
VCLKSYN
_1P3
VSSA
VJSYN
_1P0
VSSA
NIC
VSSA
VSSA
VSSA
SYNC
OUT1–
VSSA
VSSA
SERD
OUTD–
SERD
OUTC+
SERD
OUTC–
SERD
OUTB+
SERD
OUTB–
SERD
OUTA+
SERD
OUTA–
VSSA
SERD
IND–
SERD
IND+
SERD
INC+
SERD
INC–
SERD
INB–
SERD
INB+
SERD
INA+
SERD
INA–
SERD
OUTH–
SERD
OUTG+
SERD
OUTG–
SERD
OUTF+
ANALOG GROUND
DIGITAL GROUND
ANALOG POWER
DIGITAL POWER
ANALOG
INPUTS/OUTPUTS
DIGITAL
INPUTS/OUTPUTS
ANALOG GPIO
AUXILIARY
ADC INPUTS
SPI BUS
LVDS SERDES CONTROLS
SERDES INPUTS/OUTPUTS
DIFFERENTIAL SYSREF SIGNAL
NOT INTERNALLY CONNECTED
SERD
OUTF–
SERD
OUTE+
SERD
OUTE–
VSSA
SERD
INH–
SERD
INH+
SERD
ING+
SERD
ING–
SERD
INF–
SERD
INF+
SERD
INE+
SERD
INE–
1234
56789
ADRV9010
TOP VIEW
(Not to Scale)
10
11
12
13
14
15
16
17
RESET
NIC
VANA2_
1P8
VDES
_1P0
VDES
_1P0
VTT_DES
VSER
_1P0
VSER
_1P0
VIF
Figure 2. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More