| Moteur de recherche de fiches techniques de composants électroniques |
|
SWW0CT10B Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWW0CT10B Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 23 page ![]() Product Brief Description Key Applications Features and Benefits Rev1.2, November 21, 2019 www.seoulsemicon.com 1 SWW0CT10B – WICOP-C G2HL High reliability and High quality of light SWW0CT10B High-Power LED for Automotive • The WICOP LED series is designed for high current operation and high flux output applications. • It incorporates state of the art SMD design and low thermal resistant material. • The WICOP LED is ideal light sources for automotive applications. • Super high Flux output and high Luminance • Designed for high current operation • Lead Free product • Compact module design available • ESD Class 3B / MSL 2 Level • Viewing angle 120˚ • Automotive Lighting RoHS |
Numéro de pièce similaire - SWW0CT10B |
|
Description similaire - SWW0CT10B |