| Moteur de recherche de fiches techniques de composants électroniques |
|
SWW0Y4QA Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWW0Y4QA Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 23 page ![]() SWW0Y4QA – WICOP-C Product Brief Description Key Applications Features and Benefits www.seoulsemicon.com 1 Rev0.3, Mar. 07, 2018 High reliability and High quality of light AEC-Q101 RoHS • The WICOP LED series is designed for high current operation and high flux output applications. • It incorporates state of the art SMD design and low thermal resistant material. • The WICOP LED is ideal light sources for automotive applications. • Super high Flux output and high Luminance • Designed for high current operation • Lead Free product • Compact module design available. • ESD Class 3B / MSL 2 level • Viewing angle 120 ˚ • Automotive Lighting High-Power LED for Automotive SWW0Y4QA |
Numéro de pièce similaire - SWW0Y4QA |
|
Description similaire - SWW0Y4QA |