| Moteur de recherche de fiches techniques de composants électroniques |
|
SWWACD10A Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWWACD10A Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 27 page ![]() Rev1.2, Nov 25, 2019 www.seoulsemicon.com SWWACD10A – WICOP 1x2 W/A 1 Product Brief Description Key Applications Features and Benefits High reliability and High quality of light SWWACD10A High-Power LED for Automotive • The WICOP LED series is designed for high current operation and high flux output applications. • It incorporates state of the art SMD design and low thermal resistant material. • The WICOP LED is ideal light sources for automotive applications. • Super high Flux output and high Luminance • Designed for high current operation • Lead Free product • Compact module design available • ESD Class 3B / MSL 2 Level • Viewing angle 120˚ • Automotive Lighting RoHS AEC-Q102 |
Numéro de pièce similaire - SWWACD10A |
|
Description similaire - SWWACD10A |