| Moteur de recherche de fiches techniques de composants électroniques |
|
SWWVO112E Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWWVO112E Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 24 page ![]() SWWVO112E – WICOP Product Data Sheet Product Brief Description Key Applications R1.0 January 9, 2020 www.seoulsemicon.com 1 Features and Benefits Direct TV Application SWWVO112E WICOP • This SMT LED comes in standard PKG dimension. • This has a phosphor layer on surface of Blue Chip without Lead Frame & Gold-wire. • Because of the good thermal character, The SWWVO112E allow to perform with high reliability. • White colored SMT package • Low Thermal Resistance • Own patent reserved • RoHS Complaint • Pb-free Reflow Soldering application • Suitable for all SMT assembly and soldering methods (Must not be hand soldering) • Flat Backlighting (LCD, Display) • MNT, TV etc. |
Numéro de pièce similaire - SWWVO112E |
|
Description similaire - SWWVO112E |