| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320F28075PZP Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28075PZP Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 192 page ![]() TERMINAL I/O/Z (1) DESCRIPTION NAME MUX POSITION PTP PIN NO. PZP PIN NO. GPIO11 0, 4, 8, 12 2 1 I/O General-purpose input/output 11 EPWM6B 1 O Enhanced PWM6 output B (HRPWM-capable) SCIRXDB 2, 6 I SCI-B receive data OUTPUTXBAR7 3 O Output 7 of the output XBAR EQEP1B 5 I Enhanced QEP1 input B GPIO12 0, 4, 8, 12 4 3 I/O General-purpose input/output 12 EPWM7A 1 O Enhanced PWM7 output A (HRPWM-capable) CANTXB 2 O CAN-B transmit MDXB 3 O McBSP-B transmit serial data EQEP1S 5 I/O Enhanced QEP1 strobe SCITXDC 6 O SCI-C transmit data GPIO13 0, 4, 8, 12 5 4 I/O General-purpose input/output 13 EPWM7B 1 O Enhanced PWM7 output B (HRPWM-capable) CANRXB 2 I CAN-B receive MDRB 3 I McBSP-B receive serial data EQEP1I 5 I/O Enhanced QEP1 index SCIRXDC 6 I SCI-C receive data GPIO14 0, 4, 8, 12 6 5 I/O General-purpose input/output 14 EPWM8A 1 O Enhanced PWM8 output A (HRPWM-capable) SCITXDB 2 O SCI-B transmit data MCLKXB 3 I/O McBSP-B transmit clock OUTPUTXBAR3 6 O Output 3 of the output XBAR GPIO15 0, 4, 8, 12 7 6 I/O General-purpose input/output 15 EPWM8B 1 O Enhanced PWM8 output B (HRPWM-capable) SCIRXDB 2 I SCI-B receive data MFSXB 3 I/O McBSP-B transmit frame synch OUTPUTXBAR4 6 O Output 4 of the output XBAR GPIO16 0, 4, 8, 12 8 7 I/O General-purpose input/output 16 SPISIMOA 1 I/O SPI-A slave in, master out CANTXB 2 O CAN-B transmit OUTPUTXBAR7 3 O Output 7 of the output XBAR EPWM9A 5 O Enhanced PWM9 output A SD1_D1 7 I Sigma-Delta 1 channel 1 data input GPIO17 0, 4, 8, 12 9 8 I/O General-purpose input/output 17 SPISOMIA 1 I/O SPI-A slave out, master in CANRXB 2 I CAN-B receive OUTPUTXBAR8 3 O Output 8 of the output XBAR EPWM9B 5 O Enhanced PWM9 output B SD1_C1 7 I Sigma-Delta 1 channel 1 clock input GPIO18 0, 4, 8, 12 10 9 I/O General-purpose input/output 18 SPICLKA 1 I/O SPI-A clock SCITXDB 2 O SCI-B transmit data CANRXA 3 I CAN-A receive EPWM10A 5 O Enhanced PWM10 output A SD1_D2 7 I Sigma-Delta 1 channel 2 data input www.ti.com TMS320F28076, TMS320F28075 SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: TMS320F28076 TMS320F28075 |