| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS112ADE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS112ADE4 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 17 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) JM38510/07102BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/07102BFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC JM38510/30103B2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC JM38510/30103BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/30103BFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SN54LS112AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54S112J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN74LS112AD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS112ADE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS112ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS112ADRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS112AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS112AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS112ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74LS112ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS112ANSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S112AD OBSOLETE SOIC D 16 TBD Call TI Call TI SN74S112ADR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S112ADRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S112AN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S112AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74S112ANE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S112ANSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S112ANSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54LS112AFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS112AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS112AW ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54S112FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S112J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54S112W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |