| Moteur de recherche de fiches techniques de composants électroniques |
|
ADBMS1818ASWZ Fiches technique(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADBMS1818ASWZ Fiches technique(HTML) 58 Page - Analog Devices |
|
58 / 89 page ![]() Data Sheet ADBMS1818 THEORY OF OPERATION analog.com Rev. 0 | 58 of 89 Table 50. Command Codes Command Description Name CC, Bits[10:0] – Command Code 10 9 8 7 6 5 4 3 2 1 0 Read Status Register Group A RDSTATA 0 0 0 0 0 0 1 0 0 0 0 Read Status Register Group B RDSTATB 0 0 0 0 0 0 1 0 0 1 0 Write S Control Register Group WRSCTRL 0 0 0 0 0 0 1 0 1 0 0 Write PWM Register Group WRPWM 0 0 0 0 0 1 0 0 0 0 0 Write PWM/S Control Register Group B WRPSB 0 0 0 0 0 0 1 1 1 0 0 Read S Control Register Group RDSCTRL 0 0 0 0 0 0 1 0 1 1 0 Read PWM Register Group RDPWM 0 0 0 0 0 1 0 0 0 1 0 Read PWM/S Control Register Group B RDPSB 0 0 0 0 0 0 1 1 1 1 0 Start S Control Pulsing and Poll Status STSCTRL 0 0 0 0 0 0 1 1 0 0 1 Clear S Control Register Group CLRSCTRL 0 0 0 0 0 0 1 1 0 0 0 Start Cell Voltage ADC Conversion and Poll Status ADCV 0 1 MD, Bit 1 MD, Bit 0 1 1 DCP 0 CH, Bit 2 CH, Bit 1 CH, Bit 0 Start Open Wire ADC Conversion and Poll Status ADOW 0 1 MD, Bit 1 MD, Bit 0 PUP 1 DCP 1 CH, Bit 2 CH, Bit 1 CH, Bit 0 Start Self Test Cell Voltage Conversion and Poll Status CVST 0 1 MD, Bit 1 MD, Bit 0 ST, Bit 1 ST, Bit 0 0 0 1 1 1 Start Overlap Measurements of Cell 7 and Cell 13 Voltages ADOL 0 1 MD, Bit 1 MD, Bit 0 0 0 DCP 0 0 0 1 Start GPIOs ADC Conversion and Poll Status ADAX 1 0 MD, Bit 1 MD, Bit 0 1 1 0 0 CHG, Bit 2 CHG, Bit 1 CHG, Bit 0 Start GPIOs ADC Conversion with Digital Redundancy and Poll Status ADAXD 1 0 MD, Bit 1 MD, Bit 0 0 0 0 0 CHG, Bit 2 CHG, Bit 1 CHG, Bit 0 Start GPIOs Open Wire ADC Conversion and Poll Status AXOW 1 0 MD, Bit 1 MD, Bit 0 PUP 0 1 0 CHG, Bit 2 CHG, Bit 1 CHG, Bit 0 Start Self Test GPIOs Conversion and Poll Status AXST 1 0 MD, Bit 1 MD, Bit 0 ST, Bit 1 ST, Bit 0 0 0 1 1 1 Start Status Group ADC Conversion and Poll Status ADSTAT 1 0 MD, Bit 1 MD, Bit 0 1 1 0 1 CHST, Bit 2 CHST, Bit 1 CHST, Bit 0 Start Status Group ADC Conversion with Digital Redundancy and Poll Status ADSTATD 1 0 MD, Bit 1 MD, Bit 0 0 0 0 1 CHST, Bit 2 CHST, Bit 1 CHST, Bit 0 Start Self Test Status Group Conversion and Poll Status STATST 1 0 MD, Bit 1 MD, Bit 0 ST, Bit 1 ST, Bit 0 0 1 1 1 1 Start Combined Cell Voltage and GPIO1, GPIO2 Conversion and Poll Status ADCVAX 1 0 MD, Bit 1 MD, Bit 0 1 1 DCP 1 1 1 1 Start Combined Cell Voltage and SC Conversion and Poll Status ADCVSC 1 0 MD, Bit 1 MD, Bit 0 1 1 DCP 0 1 1 1 Clear Cell Voltage Register Groups CLRCELL 1 1 1 0 0 0 1 0 0 0 1 Clear Auxiliary Register Groups CLRAUX 1 1 1 0 0 0 1 0 0 1 0 Clear Status Register Groups CLRSTAT 1 1 1 0 0 0 1 0 0 1 1 Poll ADC Conversion Status PLADC 1 1 1 0 0 0 1 0 1 0 0 Diagnose MUX and Poll Status DIAGN 1 1 1 0 0 0 1 0 1 0 1 Write COMM Register Group WRCOMM 1 1 1 0 0 1 0 0 0 0 1 Read COMM Register Group RDCOMM 1 1 1 0 0 1 0 0 0 1 0 Start I2C/SPI Communication STCOMM 1 1 1 0 0 1 0 0 0 1 1 Mute Discharge Mute 0 0 0 0 0 1 0 1 0 0 0 Unmute Discharge Unmute 0 0 0 0 0 1 0 1 0 0 1 |