| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4401ABCEZ Fiches technique(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4401ABCEZ Fiches technique(HTML) 36 Page - Analog Devices |
|
36 / 39 page ![]() ADF4401A Data Sheet Rev. 0 | Page 36 of 39 Address: 0x3F, Default: 0x80, Name: REG003F 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 1 [7:0] RESERVED Table 46. Bit Descriptions for REG003F Bit(s) Bit Name Description Default Access [7:0] RESERVED Reserved. 0x80 R/W Address: 0x40, Default: 0x50, Name: REG0040 0 0 1 0 2 0 3 0 4 1 5 0 6 1 7 0 [7:0] RESERVED Table 47. Bit Descriptions for REG0040 Bit(s) Bit Name Description Default Access [7:5] RESERVED Reserved. 0x50 R Address: 0x41, Default: 0x28, Name: REG0041 0 0 1 0 2 0 3 1 4 0 5 1 6 0 7 0 [7:0] RESERVED Table 48. Bit Descriptions for REG0041 Bit(s) Bit Name Description Default Access [7:0] RESERVED Reserved. 0x28 R/W Address: 0x47, Default: 0xC0, Name: REG0047 0 0 1 0 2 0 3 0 4 0 5 0 6 1 7 1 [7:0] RESERVED Table 49. Bit Descriptions for REG0047 Bit(s) Bit Name Description Default Access [7:0] RESERVED Reserved. 0xC0 R Address: 0x52, Default: 0xF4, Name: REG0052 0 0 1 0 2 1 3 0 4 1 5 1 6 1 7 1 [7:0] RESERVED Table 50. Bit Descriptions for REG0052 Bit(s) Bit Name Description Default Access [7:0] RESERVED Reserved. 0xF4 R |