| Moteur de recherche de fiches techniques de composants électroniques |
|
DMB01DM24. Fiches technique(PDF) 3 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
DMB01DM24. Fiches technique(HTML) 3 Page - Carlo Gavazzi Holding AG |
|
3 / 4 page ![]() Specifications are subject to change without notice (18.06.07) 3 DMB01, PMB01 Additional Load It's possible to wire an addi- tional load (i.e. a relay) between pins Y1 and A2, or 5 and 10, driven by the trig- ger contact without damag- ing the device (see wiring diagram). Yellow LED working mode Timing: Slow blinking Relay ON: See operation diagrams Incorrect knobs position: Fast blinking Mode of Operation (cont.) Operation Diagrams Powersupply RelayON Triggerinput T T LED FunctionOp-Delayonoperate-Manualstart Powersupply RelayON T T LED FunctionOp-Delayonoperate-Automaticstart Powersupply RelayON Triggerinput T T LED FunctionIn-Interval-Manualstart Powersupply RelayON T LED FunctionIn-Interval-Automaticstart T ON OFF ON OFF ON OFF ON OFF FunctionId-Doubleinterval Powersupply RelayON Triggerinput T T LED FunctionIo-Intervalontriggeropen Powersupply RelayON Triggerinput T T LED ON OFF ON OFF FunctionR-Symmetricalrecycler(ONfirst) Powersupply RelayON T T T T LED Triggerinput FunctionDr-Delayonrelease Powersupply RelayON Triggerinput T LED ON OFF ON OFF |