Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPZ2012S601AT000 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce MPZ2012S601AT000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPZ2012S601AT000 Fiches technique(HTML) 3 Page - Microchip Technology

  MPZ2012S601AT000 Datasheet HTML 1Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 2Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 3Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 4Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 5Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 6Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 7Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 8Page - Microchip Technology MPZ2012S601AT000 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2017 Microchip Technology Inc.
DS50002594A-page 3
EU Declaration of Conformity
This declaration of conformity is issued by the manufacturer.
The development/evaluation tool is designed to be used for research and development in a laboratory environment. This
development/evaluation tool is not a Finished Appliance, nor is it intended for incorporation into Finished Appliances that are
made commercially available as single functional units to end users under EU EMC Directive 2004/108/EC and as supported by
the European Commission's Guide for the EMC Directive 2004/108/EC (8th February 2010).
This development/evaluation tool complies with EU RoHS2 Directive 2011/65/EU.
This development/evaluation tool, when incorporating wireless and radio-telecom functionality, is in compliance with the
essential requirement and other relevant provisions of the R&TTE Directive 1999/5/EC and the FCC rules as stated in the
declaration of conformity provided in the module datasheet and the module product page available at www.microchip.com.
For information regarding the exclusive, limited warranties applicable to Microchip products, please see Microchip’s standard
terms and conditions of sale, which are printed on our sales documentation and available at www.microchip.com.
Signed for and on behalf of Microchip Technology Inc. at Chandler, Arizona, USA.
Object of Declaration: EVB-KSZ9477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36