Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWW0CD10B Fiches technique(PDF) 16 Page - Seoul Semiconductor

No de pièce SWW0CD10B
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CD10B Fiches technique(HTML) 16 Page - Seoul Semiconductor

Back Button SWW0CD10B Datasheet HTML 12Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 13Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 14Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 15Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 16Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 17Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 18Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 19Page - Seoul Semiconductor SWW0CD10B Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Rev1.0, April 8, 2019
www.seoulsemicon.com
SWW0CD10B – WICOP-C G2HL
16
Emitter Tape & Reel Packaging
180
13
±0.2
Label
22
2 ±0.2
+0
-3
11.4
9 ±0.3
( Tolerance: ±0.2, Unit: mm )
(1) Quantity : 500pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance per 10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the
Cover tape is turned off from the carrier tape at the angle of 10º to the carrier tape
(4) Package : P/N, Manufacturing data Code No. and quantity are printed on the reel
Cathode
(-)
(+)
Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23