| Moteur de recherche de fiches techniques de composants électroniques |
|
SWW0CT10A Fiches technique(PDF) 16 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SWW0CT10A Fiches technique(HTML) 16 Page - Seoul Semiconductor |
|
16 / 23 page ![]() Rev1.0, Aug 28, 2019 www.seoulsemicon.com SWW0CT10A – WICOP-C G2HF 16 Emitter Tape & Reel Packaging ( Tolerance: ±0.2, Unit: mm ) (1) Quantity : 500pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance per 10 pitches to be ±0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the Cover tape is turned off from the carrier tape at the angle of 10º to the carrier tape (4) Package : P/N, Manufacturing data Code No. and quantity are printed on the reel 0.6 0.8 0.2 0.4 |