| Moteur de recherche de fiches techniques de composants électroniques |
|
T1X06000GA-N1-R3 Fiches technique(PDF) 49 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T1X06000GA-N1-R3 Fiches technique(HTML) 49 Page - Toshiba Semiconductor |
|
49 / 118 page ![]() 39 T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005 13.4 Setting Sub-Menu/Parameter Tree Parameter changes can be made using the SETTINGS menu. >INPUT Rated Vin* >DISPLAY & EXT COMM DFW Ver RMTI Ins Dat RMTI IP RMTI Version RMTI Network Mask RMTI Status RMTI Gateway IP RMTI Netlink >OUTPUT Rated Iout Rated Vout* Vout Adjust >BATTERY Rated Ahr Batt Life Remain No Batt (Series) Batt Ins Date No Batt (Paral) >HISTORY Inverter Op Time System Op Time Backup Op Time Max System Temp UPS Lifetime Max Battery Temp Total OLs Total VIVUs Total Backups Total Faults Total Mode Change Total Warnings Total Sys Change FIGURE 13.3: SETTING MENU AND SUB-MENUS >STATUS CONFIG & CTL Faults Requested State Warnings En CVCF* UPS Status (Comm) CVCF Frequency* UPS Time UPS Date Startup Mode* En Startup Delay* Mode of Rmt Sdown En Batt Test* En Batt Test Sup* Batt Test Freq En Restart Service Port Mode Restart Delay AutoXfer Window En AutoXfer Restart Mode* Startup Timer* ** SETTING ** Output History Display & Ext Comm Status Config & Ctl Battery Input Bypass >BYPASS BypOV Det Lvl BypUV Det Lvl |