Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HCS86 Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74HCS86
Description  SN74HCS86 Quadruple 2-Input XOR Gates with Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS86 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button SN74HCS86 Datasheet HTML 14Page - Texas Instruments SN74HCS86 Datasheet HTML 15Page - Texas Instruments SN74HCS86 Datasheet HTML 16Page - Texas Instruments SN74HCS86 Datasheet HTML 17Page - Texas Instruments SN74HCS86 Datasheet HTML 18Page - Texas Instruments SN74HCS86 Datasheet HTML 19Page - Texas Instruments SN74HCS86 Datasheet HTML 20Page - Texas Instruments SN74HCS86 Datasheet HTML 21Page - Texas Instruments SN74HCS86 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74HCS86BQAR
WQFN
BQA
14
3000
180.0
12.4
2.8
3.3
1.1
4.0
12.0
Q1
SN74HCS86DR
SOIC
D
14
2500
330.0
16.4
6.6
9.3
2.1
8.0
16.0
Q1
SN74HCS86DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74HCS86PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
SN74HCS86PWR
TSSOP
PW
14
2000
330.0
16.4
6.8
5.4
1.6
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Feb-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24