| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC8221 Fiches technique(PDF) 32 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 Fiches technique(HTML) 32 Page - Microsemi Corporation |
|
32 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 32 of 32 32 11 TRANSFORMERLESS OPERATION FOR PICMG 2.16 AND 3.0 IP-BASED BACKPLANES The twisted pair interface supports capacitively coupled links, such as those specified by the PiCMG 2.16 and 3.0 specifications. With proper AC coupling, the typical category-5 magnetic isolation can be replaced with capacitors. Refer to Microsemi Application Note #3 (AN003 - Transformerless Ethernet Concept and Applications) for more information. See MII Register Bit 24.12 for more information. By enabling the PiCMG Miser mode, power consumption can be reduced to under 500mW. |