Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VG6640 Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 118Page - STMicroelectronics VG6640 Datasheet HTML 119Page - STMicroelectronics VG6640 Datasheet HTML 120Page - STMicroelectronics VG6640 Datasheet HTML 121Page - STMicroelectronics VG6640 Datasheet HTML 122Page - STMicroelectronics VG6640 Datasheet HTML 123Page - STMicroelectronics VG6640 Datasheet HTML 124Page - STMicroelectronics VG6640 Datasheet HTML 125Page - STMicroelectronics VG6640 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
Revision history
VG6640, VD6640
124/126
DocID023597 Rev 11
14-Dec-2015
8
Improved consistency of bit field representation in
register map.
Naming of some registers and bit fields to match User
Manual usage.
Note about external clock rate needed for 1MHz SCL.
Removed corrupt frame masking registers.
Test pattern generator section re-written.
Electrical characteristics section updated with latest test
results.
Removed Cut1.0 register “Dgain_Legacy”
11-May-2016
9
Figure 31 - Changed I2C pull-ups from 2V8 to 1V8.
Removed “exposure” from section name 3.2.1.
Replaced “Marking information” diagram.
Added Automotive” to document title.
Changed name of section “Mechanical” to “Package
information”
I2C pulse width suppression (tSP) max set to 50ns.
I2C hold time (tHD.DAT) minimum set to 16ns.
Modifications to Figures 32 to 35: added “in MIPI CSI-2
mode” to title; modified state names to match state
diagram in Section 3; LP11 state extended to all of
standby period in power down diagrams.
Correction to Section 3.3.3. to mention LP11 state in
Standby state.
Added footnote to Table 42 about VANA current in
standby state when CSI-2 interface used.
Table 46 - removed classification, added tbc to
frequency limits.
Added into Section 11.4.2. a note to saying to contact
ST support for further information.
Section 7.3.3 changed lower limit of digital gains to zero.
Table 65. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More