Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VG6640 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 66Page - STMicroelectronics VG6640 Datasheet HTML 67Page - STMicroelectronics VG6640 Datasheet HTML 68Page - STMicroelectronics VG6640 Datasheet HTML 69Page - STMicroelectronics VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics VG6640 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
Video data interface
VG6640, VD6640
70/126
DocID023597 Rev 11
Horizontal synchronization (HSYNC) signal
The HSYNC signal envelops all the visible pixel data (active lines) on every line in the image
frame regardless of the programmed image size.
The HSYNC signal is programmable with the following options:
enable/disable
select polarity
HSYNC during all lines (active lines as well as inter-frame blanking lines) or during
active lines only
Vertical synchronization (VSYNC) signal
The VSYNC signal envelops all the visible (active) video lines in the image frame regardless
of the programmed image size.
The VSYNC signal is programmable with the following options:
enable/disable
select polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More