| Moteur de recherche de fiches techniques de composants électroniques |
|
VG6640 Fiches technique(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VG6640 Fiches technique(HTML) 116 Page - STMicroelectronics |
|
116 / 126 page ![]() Package information VG6640, VD6640 116/126 DocID023597 Rev 11 13.2 Im2BGA package marking information Figure 42. Im2BGA package marking information 13.3 Delivery of packaged parts Packaged parts may be delivered with or without a protective glass liner. The protective glass liner can be removed manually or by using a horizontal blade of air to prevent glass contamination/scratches. ST are not liable for damage caused during removal of the liner. |