Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASLNH Fiches technique(PDF) 45 Page - List of Unclassifed Manufacturers

No de pièce ASLNH
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ASLNH Fiches technique(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ASLNH Datasheet HTML 41Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 42Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 43Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 44Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 45Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 46Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 47Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 48Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
72
ø30 ø30 Series Accessories and Replacement Parts
Maintenance Parts
Shape
Specification
Part No.
Ordering No.
Package
Quantity
Remarks
Metallic Bezel
Metal
(zinc diecast: chrome-
plated)
OG-11
OG-11PN02
2
• Cannot be used with pin lock,
selector pushbuttons, and mono-
lever units.
Plastic Bezel
Plastic
(polycarbonate)
OGP-11∗
OGP-11∗PN02
2
Specify a color code in place of
∗.
B (black), G (green), R (red), W
(white),
Y (yellow)
• Cannot be used with pin lock,
selector pushbuttons, and mono-
lever units.
Clear Plastic Bezel for Flush
Pushbuttons
Clear Plastic
(acrylic)
OGP-13
OGP-13PN02
2
• Clear plastic bezel and full
shroud.
• OGP-1411 cannot be used with
LED illumination units and diecast
units.
Clear Plastic Bezel for
Extended Pushbuttons
OGP-14
OGP-14PN02
2
Clear Plastic Bezel for
Illuminated Pushbuttons
OGP-1411
OGP-1411
1
Metal Bezel for Illuminated
Pushbuttons
Metal
(zinc diecast)
OL-11
OL-11PN05
5
Clear Button Cover
Clear Plastic
(polycarbonate)
ABN1B-C
ABN1B-CPN05
5
• Used on flush and extended
pushbuttons to indicate a mark or
a symbol engraved on the mark-
ing plate. The clear button cover
holds the marking plate. The ø30
series marking chip can only be
used on the ABN1 and AON1.
• Specify a color code in place of
∗.
B (black), G (green), R (red), W
(white), Y (yellow)
Marking Plate
Plastic
(polyacetal)
TN-0∗
TN-0∗PN10
10
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51