Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN7430/Y9X Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce LAN7430/Y9X
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430/Y9X Fiches technique(HTML) 13 Page - Microchip Technology

Back Button LAN7430/Y9X Datasheet HTML 9Page - Microchip Technology LAN7430/Y9X Datasheet HTML 10Page - Microchip Technology LAN7430/Y9X Datasheet HTML 11Page - Microchip Technology LAN7430/Y9X Datasheet HTML 12Page - Microchip Technology LAN7430/Y9X Datasheet HTML 13Page - Microchip Technology LAN7430/Y9X Datasheet HTML 14Page - Microchip Technology LAN7430/Y9X Datasheet HTML 15Page - Microchip Technology LAN7430/Y9X Datasheet HTML 16Page - Microchip Technology LAN7430/Y9X Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 13
LAN7430/LAN7431
TABLE 3-1:
LAN7430 PIN ASSIGNMENTS
Pin
Pin Name
Pin
Pin Name
1
AVDDH_1
25
PCIE_CLK_P
2
TXRXP_A
26
PCIE_CLK_M
3
TXRXM_A
27
VDD25_REG_OUT
4
AVDDL_1
28
VDD_REG_IN
5
TXRXP_B
29
RESET_N
6
TXRXM_B
30
TEST
7
TXRXP_C
31
VDD12CORE
8
TXRXM_C
32
VDD12_SW_OUT
9
AVDDL_2
33
VDD_SW_IN
10
TXRXP_D
34
VDD12_SW_FB
11
TXRXM_D
35
VAUX_DET/GPIO3/LED3/TCK
12
AVDDH_2
36
EECLK/GPIO2/LED2/TMS/
ADV_PM_DISABLE
13
VDD12CORE
37
EEDIO/GPIO1/LED1/TDO
14
VP
38
EECS/GPIO0/LED0/TDI
15
GD_1
39
VDDVARIO
16
PCIE_RX_P
40
VDD12CORE
17
PCIE_RX_M
41
VDD_OTP
18
GD_2
42
CLKREQ#
19
PCIE_TX_P
43
WAKE#
20
VPTX
44
PERST#
21
PCIE_TX_M
45
AVDD12
22
GD_3
46
XO
23
VPH
47
XI
24
RESREF
48
ISET
Exposed Pad (VSS) must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77