Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN7430 Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce LAN7430
Description  Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7430 Fiches technique(HTML) 49 Page - Microchip Technology

Back Button LAN7430 Datasheet HTML 45Page - Microchip Technology LAN7430 Datasheet HTML 46Page - Microchip Technology LAN7430 Datasheet HTML 47Page - Microchip Technology LAN7430 Datasheet HTML 48Page - Microchip Technology LAN7430 Datasheet HTML 49Page - Microchip Technology LAN7430 Datasheet HTML 50Page - Microchip Technology LAN7430 Datasheet HTML 51Page - Microchip Technology LAN7430 Datasheet HTML 52Page - Microchip Technology LAN7430 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
 2018-2019 Microchip Technology Inc.
DS00002631D-page 49
LAN7430/LAN7431
7.3
Package Thermal Specifications
7.3.1
48-SQFN (LAN7430 ONLY)
7.3.2
72-SQFN (LAN7431 ONLY)
TABLE 7-1:
48-SQFN PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meters/s)
JA
26.4
0
23.1
1
JT
0.2
0
0.3
1
JC
1.8
N/A
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.
TABLE 7-2:
72-SQFN PACKAGE THERMAL PARAMETERS
Symbol
°C/W
Velocity (Meters/s)
JA
20.6
0
18.0
1
JT
0.1
0
0.2
1
JC
1.6
N/A
Note:
Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77