Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSDD-25M Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CSDD-25M
Description  SILICON CONTROLLED RECTIFIER 25 AMP, 600 THRU 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSDD-25M Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CSDD-25M Datasheet HTML 1Page - Central Semiconductor Corp CSDD-25M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
MAX
MIN
MAX
A
0.163 0.189
4.14
4.80
B
0.045 0.055
1.14
1.40
C
0.000 0.010
0.00
0.25
D
0.012 0.028
0.30
0.70
E
0.386 0.409
9.80
10.40
F
0.378 0.417
9.60
10.60
G
0.335 0.358
8.50
9.10
H
0.197 0.236
5.00
6.00
J
0.093 0.108
2.35
2.75
K
0.030 0.035
0.75
0.90
D2PAK (REV: R2)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
Central
Semiconductor Corp.
TM
D2PAK CASE - MECHANICAL OUTLINE
CSDD-25M
CSDD-25N
SILICON CONTROLLED RECTIFIER
25 AMP, 600 THRU 800 VOLTS
R0 (15-June 2004)
LEAD CODE:
1) CATHODE
2) ANODE
3) GATE
4) ANODE
MARKING CODE:
FULL PART NUMBER



Html Pages

1 2