| Moteur de recherche de fiches techniques de composants électroniques |
|
SSWM31CQ2 Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
SSWM31CQ2 Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 21 page ![]() Product Data Sheet Product Brief Key Applications www.seoulsemicon.com 2 Rev1.0, November 22, 2019 SSWM31CQ2 –Side View LED Description Features and Benefits SSWM31CQ2 Side View LED • 1-Chip in one package • SMT Solderability • Own patent reserved • RoHS Compliant • Low Thermal Resistance • Pb-free Reflow Soldering application • SSWM31CQ2 is very useful side view LED in back light unit application • 3.0 (W) X 0.85 (D) X 0.3 (T) mm • Side View LED of Reflector type • Flat Backlighting (LCD, Display) • Mobile Phone, Camera, PDA • Coupling into Light Guide Panel • AV systems |
Numéro de pièce similaire - SSWM31CQ2 |
|
Description similaire - SSWM31CQ2 |