| Moteur de recherche de fiches techniques de composants électroniques |
|
STR0C1LX Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
STR0C1LX Fiches technique(HTML) 1 Page - Seoul Semiconductor |
|
1 / 24 page ![]() STR0C1LX – 3030X Product Data Sheet Product Brief Description Key Applications Features and Benefits Rev 2.1, Mar 15, 2019 www.seoulsemicon.com 1 Applicable for automotive exterior light 3030X Series STR0C1LX • SMD epoxy package • Low Thermal Resistance • ESD Class 3B • MSL 2 Level • Viewing angle 120 ◦ • RoHS compliant • This White Colored surface-mount LED comes in standard package dimension. Package Size : 3.0x3.0x0.65mm • It has a substrate made up of a molded epoxy reflector sitting on top of a lead frame. • The die is attached within the reflector cavity and the cavity is encapsulated by silicone. • The package design coupled with careful selection of component materials allow these products to perform with high reliability. • Automotive Lighting AEC-Q102 RoHS |
Numéro de pièce similaire - STR0C1LX |
|
Description similaire - STR0C1LX |