Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP47C101 Fiches technique(PDF) 23 Page - Toshiba Semiconductor

No de pièce TMP47C101
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C101 Fiches technique(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP47C101 Datasheet HTML 19Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 20Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 21Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 22Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 23Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 24Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 25Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 26Page - Toshiba Semiconductor TMP47C101 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TOSHIBA CORPORATION
23/32
TMP47C101/201
Figure 3-4. Port R8 and HOLD (INT1) Pin
3.2 Interval Timer
The interval timer can be used to generate an interrupt with a
fixed frequency. For an interval timer interrupt (ITMR), one of 4
frequencies can be selected by command. The command reg-
ister (OP19) is initialized to “0” during reset. An interval timer
interrupt is generated at the first rising edge of the binary
counters output after the command has been set. The interval
timer is not cleared by command, so that the first interrupt
may occur earlier than the preset interrupt period.
Example: To set the interval timer interrupt frequency to
fc/212 [Hz].
LD
A,
#0110B
OUT
A,
%OP19
Figure 3-5. Command Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32