Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPF0AF0A Fiches technique(PDF) 13 Page - Seoul Semiconductor

No de pièce SPF0AF0A
Description  High lumen output and efficacy
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF0AF0A Fiches technique(HTML) 13 Page - Seoul Semiconductor

Back Button SPF0AF0A Datasheet HTML 9Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 10Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 11Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 12Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 13Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 14Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 15Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 16Page - Seoul Semiconductor SPF0AF0A Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.seoulsemicon.com
13
Product Data Sheet
Rev1.6, Jan. 2021
S1C0-3030000000-00000000-00003-RGB-LED
Emitter Tape & Reel Packaging
(1) Quantity : Max 2500pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.25mm
(3) Adhesion Strength of Cover Tape
Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape
at
the angle of 10˚ to the carrier tape.
(3) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package
(4) unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20