Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VDR10D390K Fiches technique(PDF) 6 Page - HuaXinAn Electronics CO.,LTD

No de pièce VDR10D390K
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

VDR10D390K Fiches technique(HTML) 6 Page - HuaXinAn Electronics CO.,LTD

  VDR10D390K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD VDR10D390K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD VDR10D390K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD VDR10D390K Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD VDR10D390K Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD VDR10D390K Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VDR10D Straight Leads Series
Notice for use
To avoid damage to other equipment due to fire or deterioration caused by varistor, please refer to and
observe the following principles:
1) When a high current or high voltage flows into the varistor, the varistor itself may be damaged, heated,
smoke, catch fire and burst.
To avoid this, fuses or circuit breakers can be installed at both ends of the varistor or power supply;
The fuses of the following specifications are for reference only:
Diameter 05D
07D
10D
14D
20D
Rated current of fuse
1-2A
2-3A
3-5A
3-10A
5-15A
2) Do not allow the current and energy flowing into the varistor to exceed its rated value.
3) The marked VDR product brand names and marks are all patent applications of the company.
Customers who use or sell VDR products that are not specifically designated for such applications are at
their own risk.
4) All VDR products, product specifications and data are subject to change without notice, please improve.
For any data sheet Or any other data sheet. Any errors included. Inaccurate or incomplete shall not be
liable.
5) Regarding the suitability of products for specific applications. It is the customer's responsibility to
confirm that products with the characteristics described in the product specifications application. The data
provided in the parameter data sheets and / or specifications may vary for different applications and
performance may vary over time Variety. All operating parameters, including typical parameters, must be
provided by the customer ’s technical experts. Product specifications will not expand or Modify the VDR
procurement terms and conditions in other ways, including but not limited to the guarantees described
therein.
6) Do not place flammable substances near the varistor.
7) The varistor can only emit a small amount of heat energy, so it is not suitable for use in equipment that
often generates sudden heat.
In addition, the higher the working environment of the varistor, the smaller the proportion of heat
dissipated.
Varistors can only dissipate a small amount of heat energy, so they are not suitable for use in equipment
that often generates sudden heat.
If a large amount of heat acts on the varistor in an instant, it is possible that the heat energy cannot be
dissipated within the pulse time And the varistor is damaged.
8) When welding, please be careful not to melt the welding points of the varistor and the resin coating.
Material category policy
All products of VDR hereby certify that RoHS-compliant products are in accordance with the definitions
and Restrictions on June 8, 2011 regarding restrictions on the use of certain hazardous substances
(Reach) in electrical and electronic equipment. We confirm All VDR products comply with the IEC
61249-2-21 JEDEC JS709A standard.
Specifications are subject to change without notice
6
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6