| Moteur de recherche de fiches techniques de composants électroniques |
|
ZSSC3154BA3R Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3154BA3R Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 29 page ![]() Automotive Sensor Signal Conditioner with Dual Analog Output ZSSC3154 Datasheet © 2016 Integrated Device Technology, Inc. 2 January 22, 2016 ZSSC3154 Block Diagram Analog Front-End AFE Digital Core Interfaces External Temperature Sensor 1 Sensor Bridge Temperature Sensor Select Gain Factor Offset Shift ADC Mode Conditioning Coefficients Conditioning Calculation Conditioning Formula I 2C™* AOUT1 Internal Temperature Sensor MUX PGA ADC EEPROM CMC ROM I 2C™* DAC ZACwire™ BAMP BAMP AOUT2 OWI (Digital Data IO) External Temperature Sensor 2 Diagnostic Fault Band Mode RAM * I 2C™ is a trademark of NXP. Ordering Information Product Sales Code Description Package ZSSC3154BA1B ZSSC3154 Die – Temperature Range -40 to 125°C Wafer ZSSC3154BA1C ZSSC3154 Die – Temperature Range -40 to 125°C Sawn on frame ZSSC3154BA3R ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 125 °C Reel ZSSC3154BE3R ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 150 °C Reel ZSSC3154KIT ZSSC3154 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, 5 QFN32 samples (software can be downloaded from the product page www.IDT.com/ZSSC3154) Kit |