| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2340APFPR Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2340APFPR Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 27 page ![]() TPS2340A SLUS528A – MARCH 2002 – REVISED AUGUST 2002 16 www.ti.com APPLICATION INFORMATION operational mode input channel address grouping Table 5. lists the functions assigned to the channel addresses. Table 5. Operational Mode Channel Address Grouping CHANNEL ADDRESS FUNCTIONAL CHANNEL GROUP 00 Interrupt capable inputs 01 Non–interrupt capable inputs 10 Diagnostic data #1 11 Diagnostic data #2 As devices are cascaded, SIDI pin data is received from devices down-stream and passes through the device, shift-register style, to eventually reach the SIDO pin and the PCI hot-plug controller. The data contained in each input channel group is described in Tables 6, 7, 8, and 9. Table 6. Channel 00 Data Group – Interrupt Capable Inputs BIT NUMBER FUNCTION 0 Slot A SW (1 = interlock A open) 1 Slot A button state (1 = button A pushed) 2 Slot A power fault state (PwrfltA & AuxfltA) 3 Slot A PRSNT2 4 Slot A PRSNT1 5 Reserved 6 Reserved 7 Reserved 8 Slot B SW 9 Slot B button state 10 Slot B power fault state (PwrfltB & AuxfltB) 11 Slot B PRSNT2 12 Slot B PRSNT1 13 Reserved 14 Reserved 15 Reserved 16 …47 SIDI pin data for slots C, D, E and F follows |