Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320F28075PZPQ Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320F28075PZPQ
Description  TMS320F2807x Microcontrollers
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 10Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 11Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 196 page
background image
8
TMS320F28076, TMS320F28075
SPRS902I – OCTOBER 2014 – REVISED JUNE 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Device Comparison
Copyright © 2014–2020, Texas Instruments Incorporated
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide.
(2)
Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
3
Device Comparison
Table 3-1 lists the features of each 2807x device.
Table 3-1. Device Comparison
FEATURE(1)
28076
28075
Package Type (PTP is an HLQFP package. PZP is an HTQFP package.)
176-Pin PTP
100-Pin PZP
176-Pin PTP
100-Pin PZP
Processor and Accelerators
C28x
Number
1
Frequency (MHz)
120
Floating-Point Unit (FPU)
Yes
TMU – Type 0
Yes
CLA – Type 1
Number
1
Frequency (MHz)
120
6-Channel Direct Memory Access (DMA) – Type 0
1
Memory
Flash (16-bit words)
512KB (256KW)
RAM (16-bit words)
Dedicated and Local Shared RAM
36KB (18KW)
Global Shared RAM
64KB (32KW)
Total RAM
100KB (50KW)
Code security for on-chip flash, RAM, and OTP blocks
Yes
Boot ROM
Yes
System
Configurable Logic Block (CLB)
4 tiles
No
32-bit CPU timers
3
Watchdog timers
1
Nonmaskable Interrupt Watchdog (NMIWD) timers
1
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
I/O pins
GPIO
97
41
97
41
External interrupts
5
EMIF
EMIF1 (16-bit or 32-bit)
1
–
1
–
Analog Peripherals
ADC 12-bit mode
MSPS
3.1
Conversion Time (ns)(2)
325
Input pins
17
14
17
14
Number of 12-bit ADCs
3
2
3
2
Temperature sensor
1
CMPSS (each CMPSS has two comparators and two internal DACs)
8
4
8
4
Buffered DAC
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com