Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2T Fiches technique(PDF) 49 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2T
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2T Fiches technique(HTML) 49 Page - Renesas Technology Corp

Back Button ZSSC3123AI2T Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 48Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 49Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 50Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 51Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 52Page - Renesas Technology Corp ZSSC3123AI2T Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
49
August 16, 2018
12.2 Capacitance Analog Front-End Configuration (C_Config, EEPROM Word 06HEX)
This register is loaded immediately before a capacitance measurement is taken, so a power cycle is not needed for changes to take effect.
Table 30. C_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
2:0
110BIN
CDC_Reference
CDC reference capacitor selection (see Table 6 to Table 9)
5:3
000BIN
CDC_Offset
CDC offset capacitor selection (see Table 6 to Table 9)
9:6
0000BIN
Not Available
Do Not Change – must leave at factory settings
11:10
11BIN
Resolution
CDC resolution and sample rate: [a]
00BIN = 8 bits at 0.7ms rate
01BIN = 10 bits at 1.6ms rate
10BIN = 12 bits at 5.0ms rate
11BIN = 14 bits at 18.5ms rate
13:12
00BIN
CDC_Mult
CDC Multiplier:
00BIN = 1 (2pF to 8pF)
01BIN = 2 (8pF to 32pF)
10BIN = 4 (32pF to 130pF)
11BIN = 8 (130pF to 260pF)
14
0BIN
Differential
Differential input capacitance selection:
0 = Single-ended
1 = Differential
15
0BIN
Not Available
Do Not Change – must leave at factory settings
[a] All time values shown are typical; for the worst case values, multiply by 1.1 (nominal frequency ±10%). See section 10.2 for additional
timing factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com