| Moteur de recherche de fiches techniques de composants électroniques |
|
ZSC31150GAG2-R Fiches technique(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSC31150GAG2-R Fiches technique(HTML) 19 Page - Renesas Technology Corp |
|
19 / 27 page ![]() ZSC31150 Datasheet © 2016 Integrated Device Technology, Inc. 19 December 6, 2016 Figure 3.2 Bridge in Voltage Mode, External Thermistor 2 1 3 4 6 5 7 11 13 12 10 9 8 Serial Interface Sensor Bridge SDA SCL Out / OWI GND VSUPP C3 47nF +4.5V to +5.5V VDDA VSSA SDA SCL n.c. VDD VDDE IRTEMP VBR_T VBP VBR_B VBN AOUT VSSE C2 100nF C1 100nF Temperature Sensor C5 R1 PT1000 C4 14 Figure 3.3 Bridge in Current Mode, Temperature Measurement via Bridge TC 2 1 3 4 6 5 7 8 14 13 11 12 10 9 Serial Interface Sensor Bridge SDA SCL Out / OWI GND VSUPP C3 47nF +4.5V to +5.5V VDDA VSSA SDA SCL n.c. VDD VDDE IRTEMP VBR_T VBP VBR_B VBN AOUT VSSE C2 100nF C1 100nF C4* RIBR * C4 and C5 must be connected to VBR_B when using Current Mode because VBR_B and VSSA are not shorted in this case. C5* |