| Moteur de recherche de fiches techniques de composants électroniques |
|
ZSC31015EAG1-R Fiches technique(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSC31015EAG1-R Fiches technique(HTML) 49 Page - Renesas Technology Corp |
|
49 / 53 page ![]() © 2016 Integrated Device Technology, Inc 49 November 14, 2016 ZSC31015 Datasheet 11 Part Ordering Codes Please contact IDT Sales for additional information. Sales Code Description Package ZSC31015EEB ZSC31015 Die — Temperature range: -50°C to +150°C Unsawn on Wafer ZSC31015EEC ZSC31015 Die — Temperature range: -50°C to +150°C Sawn on Wafer Frame ZSC31015EEG1-R ZSC31015 SOP8 (150 mil) — Temperature range: -50°C to +150°C Reel ZSC31015EEG1-T ZSC31015 SOP8 (150 mil) — Temperature range: -50°C to +150°C Tube ZSC31015EAB ZSC31015 Die — Temperature range: -40°C to +125°C Unsawn on Wafer ZSC31015EAC ZSC31015 Die — Temperature range: -40°C to +125°C Sawn on Wafer Frame ZSC31015EAG1-R ZSC31015 SOP8 (150 mil) — Temperature range: -40°C to +125°C Reel ZSC31015EAG1-T ZSC31015 SOP8 (150 mil) — Temperature range: -40°C to +125°C Tube ZSC31015EIB ZSC31015 Die — Temperature range: -25°C to +85°C Unsawn on Wafer ZSC31015EIC ZSC31015 Die — Temperature range: -25°C to +85°C Sawn on Wafer Frame ZSC31015EIG1-R ZSC31015 SOP8 (150 mil) — Temperature range: -25°C to +85°C Reel ZSC31015EIG1-T ZSC31015 SOP8 (150 mil) — Temperature range: -25°C to +85°C Tube ZSC31015KIT ZSC31015 ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, USB Cable, 5 IC Samples (SOP8) (ZACwire™ SSC Evaluation Software can be downloaded from www.IDT.com/ZSC31015) Kit Contact IDT Sales for support and sales of IDT ’s ZSC31015 Mass Calibration System. 12 Related Documents Document ZACwire™ SSC Evaluation Kit Description ZSC31015 Die Dimensions and Pad Coordinates** SSC Evaluation Kits Feature Sheet * (includes ordering codes) ZSC31010/31015/31050 Application Note – External Protection Circuitry IDT Wafer Dicing Guidelines Visit the ZSC31015 product page (www.IDT.com/ZSC31015) or contact your nearest sales office for the latest version of these documents. * Documents marked with an asterisk (*) can be found on the Evaluation Tools page (www.IDT.com). ** Documents marked with two asterisks (**) are available on request. |