Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS160PR412RUAT Fiches technique(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
No de pièce DS160PR412RUAT
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412RUAT Fiches technique(HTML) 31 Page - Texas Instruments

Back Button DS160PR412RUAT Datasheet HTML 27Page - Texas Instruments DS160PR412RUAT Datasheet HTML 28Page - Texas Instruments DS160PR412RUAT Datasheet HTML 29Page - Texas Instruments DS160PR412RUAT Datasheet HTML 30Page - Texas Instruments DS160PR412RUAT Datasheet HTML 31Page - Texas Instruments DS160PR412RUAT Datasheet HTML 32Page - Texas Instruments DS160PR412RUAT Datasheet HTML 33Page - Texas Instruments DS160PR412RUAT Datasheet HTML 34Page - Texas Instruments DS160PR412RUAT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
DS160PR412RUAR
WQFN
RUA
42
3000
330.0
16.4
3.8
9.3
1.0
8.0
16.0
Q1
DS160PR412RUAT
WQFN
RUA
42
250
180.0
16.4
3.8
9.3
1.0
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Jan-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37